Part Number Hot Search : 
1SMB36A 1N6268A AB019B MB100 KA388 31000 5A222G 5Z8V2
Product Description
Full Text Search
 

To Download X1E000351002112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mhz range crystal unit fa2016an product name fa2016an 30.000000 mhz 10.0 +30.0-30.0 product number / ordering code x1e0003510021xx please refer to the 5.packing information about xx (last 2 digits) pb free / complies with eu rohs directive reference weight typ. 6 mg 1.absolute maximum ratings symbol min. typ. max. unit conditions / remarks t_stg -40 - +125 oc storage as single product 2.specifications(characteristics) symbol min. typ. max. unit conditions / remarks f_nom 30.000000 mhz fundamental f_tol -30 - 30 x 10- 6 @+25oc f_tem -10 - 10 x 10 -6 -30oc to 75oc t_use -30 - +75 oc dl 10 - 100 w recommended:1 to 100w cl 10 pf r1 - - 60 ? c1 - 2.358 - ff l1 - 11.935 - mh c0 - 0.68 - pf f_age -5 5 x10 -6 /yea @+25oc, first year 3.external dimensions (unit: mm) 4.footprint(recommended) (unit: mm) 5.packing information [ 1 ]product number last 2 digits code (xx) description the recommended code is "18" x1e0003510021xx code code 01 any q'ty vinyl bag(tape cut) 00 3000pcs / reel 11 any q'ty / reel 18 5000pcs / reel 12 250pcs / reel 14 1000pcs / reel frequency stability over temperature parameter storage temperature parameter nominal frequency frequency tolerance shunt capacitance frequency aging condition condition operating temperature level of drive load capacitance motional resistance (esr) motional capacitance motional inductance 1 page 1.45 0.95 0.85 1.15
[ 2 ] taping specification subject to eia-481 & iec-60286 (1) tape dimensions te0804l material of the carrier tape : ps material of the top tape : pet+pe unit: mm (2) reel dimensions center material : ps material of the reel : ps unit: mm 2 page 10p 40 0.1 5 0.5 0.05 4.0 0.1 1.5 - 0 +0.1 1.8 0.1 2.0 0.1 4.0 0.1 2.2 0.1 0.7 0.1 8.0 0.2 3.5 0.05 1.75 0.1 0.25 0.05 2.00 180.00 160 76 +0 - 3 g h 3 21 0.8 13 0.2 +0.3 - 0 11.40 9.00 1 0.3 60 . 00
6.reflow profile reflow condition (follow of jedec std-020d.01) 7.notice contact us http://www5.epsondevice.com/en/contact/ this material is subject to change without notice. any part of this material may not be reproduced or duplicated in any form or any means without the written permission of seiko epson. the information about applied data, circuitry, software, usage, etc. written in this material is intended for reference only. seiko epson does not assume any liability for the occurrence of customer damage or infringing on any patent or copyright of a third party. this material does not authorize the licensing for any patent or intellectual copyrights. when exporting the products or technology described in this material, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. you are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. these products are intended for general use in electronic equipment. when using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from seiko epson in advance. / space equipment (artificial satellites, rockets, etc.) / transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / medical instruments to sustain life / submarine transmitters / power stations and related / fire work equipment and security equipment / t raffic control equipment / a nd others requiring equivalent reliability. all brands or product names mentioned herein are trademarks and/or registered trademarks of their respective. 3 page ? temperature ? [ ? ? c ? ] ? 60 300 250 200 150 100 50 0 ts ? 60 ? s ? ? to ? ? 180 ? s ? ? ? ? ? ? ? ? ? ? ? ? ? avg. ramp - up ? 3 ? ? c ? / ? s ? ? max. ? ramp - down 6 ? ? c ? / ? s ? ? max. ? time ? [ ? s ? ] ? 120 180 240 300 360 420 480 540 600 660 720 780 ? ts ? min ? ; ? +150 ? ? c ? ts ? max ? ; ? +200 ? ? c ? tl ? ? ; ? +217 ? ? c ? ? ? ? ? +255 ? ? c tl ? 60 ? s ? ? to ? ? 150 ? s ? ? ? ? ? ? ? ? ? tp ? ; ? 20 ? s ? ? to ? ? 40 ? s ? tp ? ? ; ? +260 ? ? c ? time +25 ? ? c ? to ? pe ak


▲Up To Search▲   

 
Price & Availability of X1E000351002112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X